Part Number Hot Search : 
XC4000 SI4431 2SB817P MAX4364E RN4981FE AD677AD IR15XB06 3520E
Product Description
Full Text Search
 

To Download APTM100DSK35T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100DSK35T3
Dual Buck chopper MOSFET Power Module
13 14 Q1 Q2 11 22 19 CR1 23 8 CR 2 7 10
VDSS = 1000V RDSon = 350m max @ Tj = 25C ID = 22A @ Tc = 25C
Application * AC and DC motor control * Switched Mode Power Supplies Features * Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * Each leg can be easily paralleled to achieve a single buck of twice the current capability
18
29 15
30
31 R1
32 16
28 27 26 25 29 30
23 22
20 19 18 16 15
31 32 2 3 4 7 8 10 11 12
14 13
All multiple inputs and outputs must be shorted together Example: 13/14 ; 29/30 ; 22/23 ...
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM100DSK35T3- Rev 0 September, 2004
Max ratings 1000 22 17 88 30 350 390 25 50 3000
Unit V A V m W A
APTM100DSK35T3
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol BVDSS IDSS RDS(on) VGS(th) IGSS Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 250A Min 1000
VGS = 0V,VDS = 1000V VGS = 0V,VDS = 800V T j = 25C T j = 125C
Typ
Max 250 1000 350 5 100
Unit V A m V nA
VGS = 10V, ID = 11A VGS = VDS, ID = 2.5mA VGS = 30V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 22A Inductive switching @ 125C VGS = 15V VBus = 670V ID = 22A R G = 5 Inductive switching @ 25C VGS = 15V, VBus = 670V ID = 22A, R G = 5 Inductive switching @ 125C VGS = 15V, VBus = 670V ID = 22A, R G = 5
Min
Typ 5.2 0.88 0.16 186 24 122 18 12 155 40 900 623 1423 779
Max
Unit nF
nC
ns
J
J
Diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage
Test Conditions VR=1000V
50% duty cycle
Min 1000 Tj = 25C Tj = 125C Tc = 70C
Typ
Max 250 750
Unit V A A
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
290 390 670 2350
IF = 30A VR = 667V di/dt=200A/s
ns nC
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1.
APT website - http://www.advancedpower.com
2-6
APTM100DSK35T3- Rev 0 September, 2004
IF = 30A IF = 60A IF = 30A
30 1.9 2.2 1.7
2.3 V
APTM100DSK35T3
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 Min Typ Max 0.32 1.2 150 125 100 4.7 110 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
Temperature sensor NTC
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.16 K
Min
Typ 68 4080
Max
Unit k K
RT =
R 25 1 1 exp B25 / 85 T - T 25
T: Thermistor temperature RT : Thermistor value at T
Package outline
1
12
APT website - http://www.advancedpower.com
3-6
APTM100DSK35T3- Rev 0 September, 2004
17
28
APTM100DSK35T3
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.3 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.9 0.7 0.5
0.1 0.05 0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 60
VGS=15, 10&8V
Transfert Characteristics 80 70 ID, Drain Current (A) 60 50 40 30 20 10 0 30 0 1 2 3 4 5 TJ=25C TJ=125C TJ=-55C 6 7 8 9
VDS > ID(on)xRDS (on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
50 40 30 20 10 0 0 5 10 15 20
7V
6.5V 6V
5.5V 5V
25
VDS , Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS=10V @ 11A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 25 20 15 10 5 0
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V
VGS=20V
ID, Drain Current (A)
TC, Case Temperature (C)
APT website - http://www.advancedpower.com
4-6
APTM100DSK35T3- Rev 0 September, 2004
10
20
30
40
50
60
25
50
75
100
125
150
APTM100DSK35T3
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 C, Capacitance (pF) 14 12 10 8 6 4 2 0 0 50 100 150 200 250
APTM100DSK35T3- Rev 0 September, 2004
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=11A
100
limited by RDSon 100s
10
1ms
Single pulse TJ=150C 1 1
10ms
10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage I D=22A TJ=25C
VDS=200V VDS=500V V DS =800V
10000
Ciss
1000
Coss
Crss 100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
Gate Charge (nC)
APT website - http://www.advancedpower.com
5-6
APTM100DSK35T3
Delay Times vs Current 180 160 td(on) and td(off) (ns) 140 tr and tf (ns) 120 100 80 60 40 20 0 0 10 20 30 40 50 ID, Drain Current (A) Switching Energy vs Current
V DS=670V RG=5 T J=125C L=100H
Rise and Fall times vs Current 80 t d(off) 70 60 50 40 30 20 10 0 0 10 20 30 40 I D, Drain Current (A) 50 tr
VDS=670V RG=5 TJ=125C L=100H
tf
td(on)
Switching Energy vs Gate Resistance 4 Switching Energy (mJ) 3.5 3 2.5 2 1.5 1 0.5 0 0 5 10 15 20 25 30 35 Eon
VDS=670V ID=22A TJ=125C L=100H
2.5
Switching Energy (mJ)
2 1.5 1 0.5 0 0
V DS=670V RG=5 T J=125C L=100H
Eon
Eoff
E off
10
20
30
40
50
ID, Drain Current (A) Operating Frequency vs Drain Current
ZVS
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage I DR, Reverse Drain Current (A) 1000
Frequency (kHz)
250 225 200 175 150 125 100 75 50 25 0 5
ZCS
100 TJ=150C 10 TJ=25C
VDS=670V D=50% RG=5 T J=125C T C=75C
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
APTM100DSK35T3- Rev 0 September, 2004
8
10 13 15 18 ID, Drain Current (A)
20
VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6


▲Up To Search▲   

 
Price & Availability of APTM100DSK35T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X